Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download 4A1210F-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 1 120 vac ? crydom's signature family of solid-state relays. ratings from 10a to 40a @ 24-140 vac ? scr output for heavy industrial loads ? ac or dc control ? zero-crossing (resistive loads) or random-fire (inductive loads) output product selection control voltage 10a 25a 40a 3-32 vdc d1210 d1225 d1240 90-280 vac a1210 a1225 a1240 18-36 vac a1210e a1225e a1240e available options output specifications (1) description 10a 25a 40a operating voltage (47-63hz) [vrms] 24-140 24-140 24-140 transient overvoltage [vpk] 400 400 400 maximum off-state leakage current @ rated voltage [marms] 8 8 8 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 maximum load current (3) [arms] 10 25 40 minimum load current [marms] 40 40 40 maximum surge current (16.6ms) [apk] 120 250 625 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 1.48 1.02 0.63 maximum i 2 t for fusing (8.3 msec) [a 2 sec] 60 260 1620 minimum power factor (with maximum load) 0.5 0.5 0.5
input specifications (1) description ( d prefix) ( a prefix) ( e suffix) control voltage range 3-32 vdc 90-280 vrms 18-36 vrms maximum reverse voltage -32 - - maximum turn-on voltage 3.0 vdc 90 vrms 18 vrms minimum turn-off voltage 1.0 vdc 10 vrms 4.0 vrms typical input current 3.4-20 ma 2.0-4.0 ma 3 ma nominal input impedance [ohms] 1500 ohm 60 k ohm 9.0 k ohm maximum turn-on time [msec] (4) 1/2 cycle 10 10 maximum turn-off time [msec] 1/2 cycle 40 40 general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3 oz (86.5g) encapsulation thermally conductive epoxy terminals screw and saddle clamps furnished, unmounted recommended terminal screw torque range: 6-32 screws - 10 in/lbs. 8-32 & 10-32 scre ws - 20 in. lbs. (screws dry without grease) fastons: single pair (up to 25a) double pair* (50a model only) *caution: user must connect to both pairs general notes 1) all p ara meters at 25 c u nl ess othe rwise speci fi ed. 2) off-sta te dv/dt te st m etho d pe r eia/nar m stan da rd rs-4 43 , p ar agrap h 13 .11.1 3) h eat sink ing r eq uir ed , for der ating curve s se e pa ge 3. 4) tu rn -on ti me for ra nd om tur n-o n ve rsio ns is 0.02 m sec (dc contro l mod els) wiring diagram
mechanical specifications thermal derate information agency approvals en60950 : meets the requirements of sections1.5: 1,7: 2.9: 2.10.5.3: 4.2: 4.5: 4.7: ul e1 16 94 9 csa l r81 68 9 vde 10143 ug (not applicable: -b and 4d ) re v. 11 18 10

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of 4A1210F-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X